| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS6501LP bảng dữ liệu(PDF) 8 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS6501LP bảng dữ liệu(HTML) 8 Page - LSI Computer Systems |
|
8 / 8 page ![]() V DD LS6501LP 6 7 8 V DD RELAY OUT 8.2V 12 VOLT INPUT S1 = SP3T (On - On - On) V DD FIGURE 6. LOW VOLTAGE INDUSTRIAL CONTROL Q RELAY COIL OFF AUTO ON S1 For industrial applications a 12 Volt DC power supply can be used to power one or several low volt- age PIR modules for many types of motion detection requirements. The low voltage, low current switch S1 provides ON/OFF/AUTO control of the Relay Coil. N P ON OFF AUTO R9 R7 R11 FIGURE 3 FIGURE 7. AIR-GAP SWITCH CONTROL MT2 MT1 T1 G V DD SPDT (On - Off - On) The application as shown in Figure 3 can be modified with the addition of a single pole, three position switch which provides for ON/OFF/AUTO control and also for the air-gap safety switch required by UL. 6501LP-070501-8 |