công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623ECTGP bảng dữ liệu(PDF) 112 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30623ECTGP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP bảng dữ liệu(HTML) 112 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 184 page
background image
112
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Serial I/O
Serial I/O
Serial I/O is configured as five channels: UART0, UART1, UART2, S I/O3 and S I/O4.
UART0 to 2
UART0, UART1 and UART2 each have an exclusive timer to generate a transfer clock, so they operate
independently of each other.
Figure 1.19.1 shows the block diagram of UART0, UART1 and UART2. Figures 1.19.2 and 1.19.3 show
the block diagram of the transmit/receive unit.
UARTi (i = 0 to 2) has two operation modes: a clock synchronous serial I/O mode and a clock asynchronous
serial I/O mode (UART mode). The contents of the serial I/O mode select bits (bits 0 to 2 at addresses
03A016, 03A816 and 037816) determine whether UARTi is used as a clock synchronous serial I/O or as a
UART. Although a few functions are different, UART0, UART1 and UART2 have almost the same functions.
UART0 through UART2 are almost equal in their functions with minor exceptions. UART2, in particular, is
compliant with the SIM interface with some extra settings added in clock-asynchronous serial I/O mode
(Note). It also has the bus collision detection function that generates an interrupt request if the TxD pin and
the RxD pin are different in level.
In M30623(80-pin package), UART2 has the clock-asynchronous serial I/O mode and IIC mode.
Table 1.19.1 shows the comparison of functions of UART0 through UART2, and Figures 1.19.4 to 1.19.8
show the registers related to UARTi.
Note: SIM : Subscriber Identity Module
Table 1.19.1. Comparison of functions of UART0 through UART2
Note 1: Only when clock synchronous serial I/O mode.
Note 2: Only when clock synchronous serial I/O mode and 8-bit UART mode.
Note 3: Only when UART mode.
Note 4: Using for SIM interface.
Note 5: In M30623(80-pin package), do not use this function, because CLK2 and CTS2/RTS2 have no external pin.
Note 6: Connect via pull-up resistor to VCC outside.
Note 7: Generally, it use in case of IE bus-emulation.
UART0
UART1
UART2
Function
CLK polarity selection
Continuous receive mode selection
LSB first / MSB first selection
Impossible
Transfer clock output from multiple
pins selection
Impossible
Impossible
Impossible
Impossible
Serial data logic switch
Impossible
Sleep mode selection
Impossible
Impossible
TxD, RxD I/O polarity switch
Impossible
Possible
CMOS output
TxD, RxD port output format
CMOS output
N-channel open-drain
output
(Note 6)
Impossible
Parity error signal output
Impossible
Impossible
Bus collision detection
Impossible
Possible
(Note 7)
Possible (Note 1)
Separate CTS/RTS pins
Possible (Note 1)
Possible (Note 1)
Possible (Note 3)
Possible (Note 1)
Possible (Note 1)
Possible
(Note 1)
Possible
(Note 1)
Possible
(Note 3)
Possible
Possible (Note 1)
Possible
(Note 2)
Possible
(Note 1)
Possible
(Note 4)
Possible
(Note 4)
Impossible (Note 5)
M30623
(80pin-package)
M30622
(100pin-package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com