công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623ECTGP bảng dữ liệu(PDF) 111 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30623ECTGP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP bảng dữ liệu(HTML) 111 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 184 page
background image
111
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Timers’ functions for three-phase motor control
Timer B2
Timer A4 output
U phase
U phase
Dead time
Carrier wave
Signal wave
A carrier wave of sawtooth waveform
mn
p
Note: Set to sawtooth modulation mode and to three-phase mode 0.
U phase
output signal
U phase
output signal
The three-phase
shift register shifts
in synchronization
with the falling
edge of timer A4.
Trigger signal for
timer Ai start
(timer B2 overflow
signal)
Interrupt occurres.
Rewriting the value of timer A4.
Rewriting three-phase
output buffer register
Data transfer is made from the three-
phase buffer register to the three-
phase shift register in step with the
timing of the timer B overflow.
Interrupt occurres.
Rewriting the value of timer A4.
Figure 1.18.9. Timing chart of operation (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com