công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMC4028SSD-13 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMC4028SSD-13
Giải thích chi tiết về linh kiện  40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4028SSD-13 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMC4028SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 8Page - Diodes Incorporated DMC4028SSD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DMC4028SSD
Document Number: D35041 Rev: 2 - 2
2 of 11
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4028SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Units
Drain-Source Voltage
VDSS
40
-40
V
Gate-Source Voltage
(Note 5)
VGSS
20
20
V
Continuous Drain Current
VGS = 10V
(Notes 7 & 9)
ID
7.2
5.2
A
TA = 70°C (Notes 7 & 9)
5.5
4.2
(Notes 6 & 9)
5.4
4
(Notes 6 & 10)
6.5
4.8
Pulsed Drain Current
VGS = 10V
(Notes 7 & 9)
IDM
27.3
20.4
A
Continuous Source Current (Body diode)
(Notes 7 & 9)
IS
3.35
3.15
A
Pulsed Source Current (Body diode)
(Notes 8 & 9)
ISM
27.3
20.4
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
N-Channel - Q1
P-Channel - Q2
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 9)
PD
1.25
10
W
mW/°C
(Notes 6 & 10)
1.8
14.3
(Notes 7 & 9)
2.16
17.2
Thermal Resistance, Junction to Ambient
(Notes 6 & 9)
RθJA
100
°C/W
(Notes 6 & 10)
70
(Notes 7 & 9)
58
Thermal Resistance, Junction to Lead
(Notes 9 & 11)
RθJL
53
53
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. AEC-Q101 VGS maximum is 16V.
6. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
7. Same as note (5), except the device is measured at t
 10 sec.
8. Same as note (5), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
9. For a dual device with one active die.
10. For a device with two active die running at equal power.
11. Thermal resistance from junction to solder-point (at the end of the drain lead).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com