| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CUN6AF1B bảng dữ liệu(PDF) 3 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
CUN6AF1B bảng dữ liệu(HTML) 3 Page - Roithner LaserTechnik GmbH |
|
3 / 19 page ![]() 3 서식Rev: 01 www.seoulviosys.com www.seoulviosys.com Features Applications Description High power UV LED series are designed for high current operation and high power output applications. It incorporates state of the art SMD design and low thermal resistant material. AAP63 LED is ideal UV light source for curing, printing, and detecting applications. • Super high power output • Designed for high current operation • Low thermal resistance • SMT solderable • Lead Free product • RoHS compliant • UV Curing • Printing • Coating • Adhesive • Counterfeit Detection/ Security • UV Torch • Fluorescence Photography • Dental Curing • Crime Inspection • Oil leak Detection CUN6AF1B CUN6AF1B |