công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMLD2004DO bảng dữ liệu(PDF) 2 Page - Central Semiconductor Corp

tên linh kiện CMLD2004DO
Giải thích chi tiết về linh kiện  HIGH VOLTAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CENTRAL [Central Semiconductor Corp]
Trang chủ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004DO bảng dữ liệu(HTML) 2 Page - Central Semiconductor Corp

  CMLD2004DO Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004DO Datasheet HTML 2Page - Central Semiconductor Corp CMLD2004DO Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLD2004
CMLD2004A
CMLD2004C
CMLD2004S
CMLD2004DO
SURFACE MOUNT SILICON
DUAL, HIGH VOLTAGE
SWITCHING DIODES
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMLD2004
MARKING CODES:
CMLD2004:
04D
CMLD2004A:
04A or 4A
CMLD2004C:
04C
CMLD2004S:
04S
CMLD2004DO:
04O
CMLD2004A
CMLD2004C
CMLD2004S
LEAD CODE:
1) Anode D1
2) NC
3) Anode D2
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Cathode D1, D2
2) Cathode D1, D2
3) Anode D2
4) Anode D1
5) Cathode D1, D2
6) Cathode D1, D2
LEAD CODE:
1) NC
2) Anode D1, D2
3) NC
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) NC
2) NC
3) Anode D1,
Cathode D2
4) Anode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Anode D1
2) NC
3) Cathode D2
4) Anode D2
5) NC
6) Cathode D1
CMLD2004DO
www.centr a lsemi.com
R7 (15-June 2015)



Html Pages

1 2 3