công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UVLED375-SMD bảng dữ liệu(PDF) 6 Page - Roithner LaserTechnik GmbH

tên linh kiện UVLED375-SMD
Giải thích chi tiết về linh kiện  375 nm SMD UVLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROITHNER [Roithner LaserTechnik GmbH]
Trang chủ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED375-SMD bảng dữ liệu(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVLED375-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
24.04.2014
UVLED375-SMD
6 of 6
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
5. Heat Generation
• The powered LEDs generate heat. Heat dissipation should be considered in the application
design to avoid the environmental conditions for operation in excess of the absolute
maximum ratings.
Outline Dimensons (mm)



Html Pages

1 2 3 4 5 6