| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SHP980-25F bảng dữ liệu(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
SHP980-25F bảng dữ liệu(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 3 page ![]() www.roithner-laser.com 2 Output Characteristics Safety Instructions • This laser is intended for pointing out details on objects/blackboards during lecturing • Laser radiation, direct and indirect can be dangerous to the naked eye o Before operating the laser pointer make sure nobody is in or near the projection area o Do not look into the laser beam o Do not point the laser into the sky o Do not point the laser towards other humans or animals o Do not point the laser towards vehicles o Do not point the laser at mirrors or any reflective surfaces • Do not expose the laser pointer to high temperature, moisture, or vibration • Do not give the laser pointer to unauthorized persons • Do keep the laser pointer out of the reach of children • Do not open the device. Maintenance must only be carried out be qualified personal • This product is a class 3B laser device (EN 60825-1:2007) Operation Do never point the laser beam directly at persons/animals/vehicles • The laser pointer is switched ON and OFF by means of a push button (2) • If the push button (2) is pressed, the laser radiation emits through the laser outlet (1) • If the push button (2) is released, the laser radiation is stopped • This laser pointer has been designed for intermittent use. If operated over 3 minutes continually, the temperature of the internal laser diode may exceed critical threshold, thereby negatively affecting the laser pointers performance and life time |