| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M5-128/104-10VC bảng dữ liệu(PDF) 3 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
M5-128/104-10VC bảng dữ liệu(HTML) 3 Page - Lattice Semiconductor |
|
3 / 47 page ![]() MACH 5 Family 3 Note: 1. C = Commercial grade, I = Industrial grade 2. /1 version recommended for new designs 3. Preliminary specificatons With Lattice’s unique hierarchical architecture, the MACH 5 family provides densities up to 512 macrocells to support full system logic integration. Extensive routing resources ensure pinout retention as well as high utilization. It is ideal for PAL® block device integration and a wide range of other applications including high-speed computing, low-power applications, communications, and embedded control. At each macrocell density point, Lattice offers several I/O and package options to meet a wide range of design needs (Table 3). Note: 1. The I/O options indicated with a “*” are obsolete, please contact factory for more information. Table 2. MACH 5 Speed Grades Device Speed Grade1 -5 -6 -7 -10 -12 -15 -20 M5-1282 C C, I C, I C, I I M5-128/1 C C, I C, I C, I C, I I M5LV-128 C C,I C, I C, I I M5-192/1 C C, I C, I C, I C, I I M5-2562 C C, I C, I C, I I M5-256/1 C C, I C, I C, I C, I I M5LV-256 C C, I C, I C, I I M5-320 C C, I C, I C, I C, I I M5LV-320 C C, I C, I C, I C, I I M5-384 C3 C, I3 C, I C, I C, I I M5LV-384 C3 C, I3 C, I C, I C, I I M5-512 C3 C, I3 C, I C, I C, I I M5LV-512 C3 C, I3 C, I C, I C, I I Table 3. MACH 5 Package and I/O Options 1 M5-128/1 M5LV-128 M5-192/1 M5-256/1 M5LV-256 M5-320 M5LV-320 M5-384 M5LV-384 M5-512 M5LV-512 Supply Voltage 5 3.3 5 5 3.3 5 3.3 5 3.3 5 3.3 100-pin TQFP 68 68, 74 68 68 68*, 74 100-pin PQFP 68 68* 68* 68* 68 144-pin TQFP 104 104 144-pin PQFP 104 104* 104* 104* 104* 160-pin PQFP 120 120 120 120 120 120* 120 120* 120 120* 120 208-pin PQFP 160 160 160 160 160 160 160 160 240-pin PQFP 184* 184* 184* 184* 184* 184* 256-ball BGA 192 192* 192* 192* 192* 192* 352-ball BGA 256 256 |