công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLVBA bảng dữ liệu(PDF) 9 Page - Marktech Corporate

tên linh kiện CLVBA
Giải thích chi tiết về linh kiện  PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MARKTECH [Marktech Corporate]
Trang chủ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLVBA bảng dữ liệu(HTML) 9 Page - Marktech Corporate

Back Button CLVBA_15 Datasheet HTML 2Page - Marktech Corporate CLVBA_15 Datasheet HTML 3Page - Marktech Corporate CLVBA_15 Datasheet HTML 4Page - Marktech Corporate CLVBA_15 Datasheet HTML 5Page - Marktech Corporate CLVBA_15 Datasheet HTML 6Page - Marktech Corporate CLVBA_15 Datasheet HTML 7Page - Marktech Corporate CLVBA_15 Datasheet HTML 8Page - Marktech Corporate CLVBA_15 Datasheet HTML 9Page - Marktech Corporate CLVBA_15 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
Cree PLCC4 3 in 1 SMD LED
CLVBA-FKA
REFLOW SOLDERING
•
TheCLVBA-FKAisratedasaMSL5aproduct.
•
Therecommendedfloorlifeoutofbagis24hrs.
•
Thebestpracticessuggestionistobake24-hour/80ºCbeforeuse.
•
Thetemperatureprofileisasbelow.
Use only with CLVBA-FKA
Solder = Low Lead-Free
Average ramp-up rate = 4ºC/s max
Preheat temperature = 150ºC ~200ºC
Preheat time = 120s max
Ramp-down rate = 6ºC/s max
Peak temperature = 235ºC max
Time within 5ºC of actual Peak Temperature = 10s max
Duration above 217ºC is 45s max
Document No.: COTCO-05-0057
Rev. NO.:
13
6/9
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Use all SMD besides LP6-NPP1-01-N1
Solder = Sn63-Pb37
Solder = Lead-free
Average ramp-up rate =4ºC/s max.
Average ramp-up rate =4ºC/s max
Preheattemperature = 100ºC ~150ºC
Preheattemperature = 150ºC ~200ºC
Preheattime = 100s max.
Preheattime = 100s max.
Ramp-down rate =6ºC/s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 230ºC max.
Peaktemperature = 250ºC max.
Time within5ºC of actual Peak Temperature = 10s max.
Time within5ºC of actual Peak Temperature = 10s max.
Duration above 183ºC is 80s max.
Duration above 217ºC is 80s max.
Only use LP6-NPP1-01-N1
[13]
Solder = Low Lead-free
Average ramp-up rate =3ºC/s max.
Preheattemperature = 130ºC ~170ºC
Preheattime = 120s max.
Ramp-down rate =6ºC/s max.
Peaktemperature = 213ºC max.
Time within3ºC of actual Peak Temperature = 25s max.
Duration above 200ºC is 40s max.
Recommended solder pad designfor heat dissipation (2-pin SMD LED):
7.0
2.6
Recommended solder pad designfor heat dissipation (4-pin SMD LED)



Solderingpad:



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com