| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC2408C bảng dữ liệu(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2408C bảng dữ liệu(HTML) 4 Page - Linear Technology |
|
4 / 36 page ![]() 4 LTC2404/LTC2408 SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIH High Level Input Voltage 2.7V ≤ VCC ≤ 5.5V q 2.5 V CS, FO 2.7V ≤ VCC ≤ 3.3V 2.0 V VIL Low Level Input Voltage 4.5V ≤ VCC ≤ 5.5V q 0.8 V CS, FO 2.7V ≤ VCC ≤ 5.5V 0.6 V VIH High Level Input Voltage 2.7V ≤ VCC ≤ 5.5V (Note 9) q 2.5 V SCK 2.7V ≤ VCC ≤ 3.3V (Note 9) 2.0 V VIL Low Level Input Voltage 4.5V ≤ VCC ≤ 5.5V (Note 9) q 0.8 V SCK 2.7V ≤ VCC ≤ 5.5V (Note 9) 0.6 V IIN Digital Input Current 0V ≤ VIN ≤ VCC q –10 10 µA CS, FO IIN Digital Input Current 0V ≤ VIN ≤ VCC (Note 9) q –10 10 µA SCK CIN Digital Input Capacitance 10 pF CS, FO CIN Digital Input Capacitance (Note 9) 10 pF SCK VOH High Level Output Voltage IO = – 800µA q VCC – 0.5V V SDO VOL Low Level Output Voltage IO = 1.6mA q 0.4V V SDO VOH High Level Output Voltage IO = – 800µA (Note 10) q VCC – 0.5V V SCK VOL Low Level Output Voltage IO = 1.6mA (Note 10) q 0.4V V SCK IOZ High-Z Output Leakage q –10 10 µA SDO VIN HMUX MUX High Level Input Voltage V+ = 3V q 2V VIN LMUX MUX Low Level Input Voltage V+ = 2.4V q 0.8 V The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) DIGITAL I PUTS A D DIGITAL OUTPUTS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VCC Supply Voltage q 2.7 5.5 V ICC Supply Current Conversion Mode CS = 0V (Note 12) q 200 300 µA Sleep Mode CS = VCC (Note 12) q 20 30 µA ICC(MUX) Multiplexer Supply Current All Logic Inputs Tied Together q 15 40 µA VIN = 0V or 5V The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) POWER REQUIRE E TS |