công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD77019 bảng dữ liệu(PDF) 23 Page - NEC

tên linh kiện UPD77019
Giải thích chi tiết về linh kiện  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD77019 bảng dữ liệu(HTML) 23 Page - NEC

Back Button UPD77019 Datasheet HTML 19Page - NEC UPD77019 Datasheet HTML 20Page - NEC UPD77019 Datasheet HTML 21Page - NEC UPD77019 Datasheet HTML 22Page - NEC UPD77019 Datasheet HTML 23Page - NEC UPD77019 Datasheet HTML 24Page - NEC UPD77019 Datasheet HTML 25Page - NEC UPD77019 Datasheet HTML 26Page - NEC UPD77019 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
23
µPD77018A, 77019
3.
INSTRUCTIONS
3.1
Outline
All
µPD77018A instructions are one-word instructions, consisting of 32 bits. And they are executed in 16.6 ns (min.)
per instruction. There are following 9 instruction types.
(1) Trinomial instructions
: specify the Acc operation. 3 of general registers are specified optionally as the operation object.
(2) Dyadic operation instructions
: specify the Acc, ALU or shifter operation. 2 of general registers are specified optionally as the operation
object. Some instructions can specify a general register and immediate data.
(3) Monadic operation instructions
: specify operations by ALU. 1 general register is specified optionally as the operation object.
(4) Load/store instructions
: transfer 16 bits data from memory to general registers, from general registers to memory and between
general registers.
(5) Inter-register transfer instructions
: transfer data between general register and other registers.
(6) Immediate data set instructions
: set immediate data at general registers or each registers of address operation unit.
(7) Branch instructions
: specify the direction of the program flow.
(8) Hardware loop instructions
: specify times of instruction repeating.
(9) Control Instructions
: specify the control program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com