công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1682CS8-5 bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LTC1682CS8-5
Giải thích chi tiết về linh kiện  Doubler Charge Pumps with Low Noise Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1682CS8-5 bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LTC1682CS8-5 Datasheet HTML 4Page - Linear Technology LTC1682CS8-5 Datasheet HTML 5Page - Linear Technology LTC1682CS8-5 Datasheet HTML 6Page - Linear Technology LTC1682CS8-5 Datasheet HTML 7Page - Linear Technology LTC1682CS8-5 Datasheet HTML 8Page - Linear Technology LTC1682CS8-5 Datasheet HTML 9Page - Linear Technology LTC1682CS8-5 Datasheet HTML 10Page - Linear Technology LTC1682CS8-5 Datasheet HTML 11Page - Linear Technology LTC1682CS8-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1682/LTC1682-3.3/LTC1682-5
Operation
The LTC1682 uses a switched-capacitor charge pump to
generate a CPO voltage of approximately 2(VIN). CPO
powers an internal low dropout linear regulator that sup-
plies a regulated output at VOUT. Internal comparators are
used to sense CPO and VIN voltages for power-up condi-
tioning. The output current is sensed to determine the
charge pump operating mode. A trimmed internal bandgap
is used as the voltage reference and a trimmed internal
oscillator is used to control the charge pump switches.
The charge pump is a doubler configuration that uses one
external flying capacitor. When enabled, a 2-phase
nonoverlapping clock controls the charge pump switches.
At start-up, the LDO is disabled and the load is removed
from CPO. When CPO reaches 1.75(VIN) the LDO is
enabled. If CPO falls below 1.45(VIN) the LDO will be
disabled. Generally, the charge pump runs open loop with
continuous clocking for low noise. If CPO is greater than
1.95(VIN) and IOUT is less than 100µA, the charge pump
will operate in Burst Mode operation for increased effi-
ciency but slightly higher output noise. In Burst Mode
operation, the clock is disabled when CPO reaches 1.95(VIN)
and enabled when CPO droops by about 100mV. The
switching frequency is precisely controlled to ensure that
the frequency is above 455kHz and at the optimum rate to
ensure maximum efficiency. The switch edge rates are
also controlled to minimize noise. The effective output
resistance at CPO is dependent on the voltage at VIN, CPO
and the junction temperature. A low ESR capacitor of
≥2µF
should be used at CPO for minimum noise.
The LDO is used to filter the ripple on CPO and to set an
output voltage independent of CPO. VOUT is set by an
external or internal resistor divider. The LDO requires a
capacitor on VOUT for stability and improved load transient
response. A low ESR capacitor of
≥2µF should be used.
Output Voltage Selection
The LTC1682-3.3/LTC1682-5 versions have internal
resistor networks to set the regulated output voltage. The
LTC1682 output voltage is set using an external resistor
divider (see Figure 3). The output voltage is determined
using the following formula:
VOUT = 1.235V(1 + R1/R2)
The output voltage range is 2.5V to 5.5V.
Maximum VOUT and IOUT Calculations
The maximum available output voltage and current can be
calculated based on the open circuit CPO voltage, the
dropout voltage of the LDO and the effective output
resistance of the charge pump. The open circuit CPO
voltage is approximately 2(VIN) (see Figure 4).
Figure 3. Powering an Auxiliary Regulator from CPO
APPLICATIONS INFORMATION
R1
56k
R2
18k
C1
0.22
µF
C4
4.7
µF
1682 F03
VIN
3.6V
C3
4.7
µF
5.1V
VRIPPLE = 800µVP-P
1
2
3
4
8
7
6
5
VOUT
SHDN
FB
GND
CPO
C+
VIN
C–
LTC1682
C2
4.7
µF
IN
3.3V
OUT
GND
C5
EXTERNAL LDO
VOUT = 1.235V(1 + R1/R2)
+
–
2VIN
RCPO
CCPO
VCPO
VOUT
ILOAD
1682 F04
RDROPOUT
VDROPOUT
+
–
Figure 4. Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com