| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1695CS5 bảng dữ liệu(PDF) 19 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1695CS5 bảng dữ liệu(HTML) 19 Page - Linear Technology |
|
19 / 20 page ![]() LTC1695 19 PACKAGE DESCRIPTIO Dimensions in inches (millimeters) unless otherwise noted. 0.95 (0.037) REF 1.50 – 1.75 (0.059 – 0.069) 0.35 – 0.55 (0.014 – 0.022) 0.35 – 0.50 (0.014 – 0.020) FIVE PLACES (NOTE 2) S5 SOT-23 0599 2.80 – 3.00 (0.110 – 0.118) (NOTE 3) 1.90 (0.074) REF 0.90 – 1.45 (0.035 – 0.057) 0.90 – 1.30 (0.035 – 0.051) 0.00 – 0.15 (0.00 – 0.006) 0.09 – 0.20 (0.004 – 0.008) (NOTE 2) 2.60 – 3.00 (0.102 – 0.118) NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DIMENSIONS ARE INCLUSIVE OF PLATING 3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 4. MOLD FLASH SHALL NOT EXCEED 0.254mm 5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ) S5 Package 5-Lead Plastic SOT-23 (LTC DWG # 05-08-1633) Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. |