công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS19450CSRLG bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS19450CSRLG
Giải thích chi tiết về linh kiện  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRLG bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS19450
Taiwan Semiconductor
Document Number: DS_P0000187
1
Version: B15
AC/DC WLED Driver with External MOSFET
Universal High Brightness
DESCRIPTION
The TS19450 is an open loop, current mode control
LED driver IC. It can be programmed to operate in
either a constant frequency or constant off-time mode.
It includes an 8V~450V linear regulator which allows it
to work from a wide range of input voltages without the
need for an external low voltage supply. The TS19450
includes a PWM dimming input that can accept an
external control signal with a duty ratio of 0~100% and
a frequency of up to a few kHz. It also includes a
0~250mV linear dimming input which can be used for
linear dimming of the LED current.
The TS19450 is ideally suited for buck LED drivers.
Since it operates in open loop current mode control,
the
controller
achieves
good
output
current
regulation
without
the
need
for
any
loop
compensation. PWM dimming response is limited
only by the rate of rise and fall of the inductor
current, enabling very fast rise and fall times. The
TS19450 requires only free external components
(apart from the power stage) to produce a controlled
LED current making it an ideal solution for low cost
LED drivers.
FEATURES
●
Switch mode controller for single switch LED
drivers
●
Open loop peak current controller
●
Internal 8V~450V linear regulator
●
Constant frequency or constant off-time operation
●
Linear and PWM dimming capability
●
Requires few external components for operation
APPLICATION
●
DC/DC or AC/DC LED driver applications
●
RGB backlighting LED driver
●
Back lighting of flat panel displays
●
General purpose constant current source
●
Signage and decorative LED lighting
●
Charger
SOP-8
Pin Definition:
1. VIN
8. RT
2. CS
7. LD
3. GND
6. VDD
4. Gate
5. PWMD
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT


Số phần tương tự - TS19450CSRLG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Mô tả tương tự - TS19450CSRLG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
AC/DC WLED Driver with Internal MOSFET
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com