| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD75P0076CU bảng dữ liệu(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD75P0076CU bảng dữ liệu(HTML) 10 Page - NEC |
|
10 / 62 page ![]() µPD75P0076 10 Output disable (P) Output disable Data Output disable (N) P.U.R. enable P-ch P.U.R. IN/OUT P-ch N-ch VDD VDD P.U.R. : Pull-Up Resistor TYPE F-B TYPE Y IN P-ch N-ch VDD VDD AVSS AVSS Input enable Reference voltage (from the voltage tap of the serial resistor string) TYPE Y-A Input butfer Type A Type Y IN TYPE M-C Input instruction (+13 V withstand voltage) P-ch P.U.R. Note VDD P.U.R. : Pull-Up Resistor TYPE M-E* IN instruction Sampling C Output disable Data N-ch IN/OUT Note This is a pull-up resistor which only operates when an input instruction is executed (when the pin is low a current flows from VDD to the pin). Output disable Data P.U.R. enable P-ch P.U.R. IN/OUT N-ch VDD + – (2/3) Voltage control circuit (+13 V withstand voltage) |