công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1197LI bảng dữ liệu(PDF) 22 Page - Linear Technology

tên linh kiện LTC1197LI
Giải thích chi tiết về linh kiện  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1197LI bảng dữ liệu(HTML) 22 Page - Linear Technology

Back Button LTC1197LI Datasheet HTML 18Page - Linear Technology LTC1197LI Datasheet HTML 19Page - Linear Technology LTC1197LI Datasheet HTML 20Page - Linear Technology LTC1197LI Datasheet HTML 21Page - Linear Technology LTC1197LI Datasheet HTML 22Page - Linear Technology LTC1197LI Datasheet HTML 23Page - Linear Technology LTC1197LI Datasheet HTML 24Page - Linear Technology LTC1197LI Datasheet HTML 25Page - Linear Technology LTC1197LI Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1197/LTC1197L
LTC1199/LTC1199L
S
APPLICATI
TYPICAL
Data Exchange Between LTC1199 and MC68HC05C4
Hardware and Software Interface to Motorola MC68HC05C4
LABEL
MNEMONIC
COMMENTS
START
BCLRn
Bit 0 Port C goes low (CS goes low)
LDA
Load LTC1199 DIN word into ACC
STA
Load LTC1199 DIN word into SPI from ACC
Transfer begins
TST
Test status of SPIF
BPL
Loop to previous instruction if not done
with transfer
LDA
Load contents of SPI data register
into ACC (DOUT MSBs)
STA
Start next SPI cycle
AND
Clear 6 MSBs of the first DOUT word
STA
Store in memory location A (MSBs)
TST
Test status of SPIF
BPL
Loop to previous instruction if not done
with transfer
BSETn
Set B0 of Port C (CS goes high)
LDA
Load contents of SPI data register into
ACC. (DOUT LSBs)
STA
Store in memory location A + 1 (LSBs)
MPU TRANSMIT
WORD
CS
CLK
DOUT
MPU RECEIVED
WORD
DIN
1
ODD/
SIGN
X
X
X
X
SGL/
DIFF
XXXXXXXX
START
BIT
BYTE 1
BYTE 2 (DUMMY)
X = DON‘T CARE
START
DUMMY
SGL/
DIFF
DON‘T CARE
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
ODD/
SIGN
DUMMY
??
??
0
0
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
2ND TRANSFER
1ST TRANSFER
1197/99 TA03
DOUT from LTC1199 Stored in MC68HC05C4
LOCATION A + 1
LSB
MSB
LOCATION A
BYTE 2
BYTE 1
1197/99 TA05
B7
B6
B5
B4
B3
B2
B1
B0
00
00
0
0
B9
B8
1197/99 TA04
CLK
DIN
CS
ANALOG
INPUTS
C0
SCK
DOUT
MISO
MOSI
MC68HC05C4
LTC1199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com