| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT2078CS8 bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT2078CS8 bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT2078/LT 2079 ABSOLUTE MAXIMUM RATINGS Supply Voltage ...................................................... ±22V Differential Input Voltage ....................................... ±30V Input Voltage ............... Equal to Positive Supply Voltage ............5V Below Negative Supply Voltage Output Short-Circuit Duration .......................... Indefinite Specified Temperature Range Commercial ............................................. 0 °C to 70°C Industrial ............................................ – 40 °C to 85°C Storage Temperature Range ................. – 65 °C to 150°C Lead Temperature (Soldering, 10 sec) .................. 300 °C TJMAX = 150°C, θJA = 150°C/ W TJMAX = 150°C, θJA = 190°C/ W Consult factory for Military grade parts. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, TA = 25°C, unless otherwise noted. LT2078AC/LT2078AI LT2078C/LT2078I LT2079AC/LT2079AI LT2079C/LT2079I SYMBOL PARAMETER CONDITIONS (NOTE 1) MIN TYP MAX MIN TYP MAX UNITS VOS Input Offset Voltage LT2078 30 70 40 120 µV LT2079 35 110 40 150 µV ∆VOS Long Term Input Offset 0.4 0.5 µV/Mo ∆Time Voltage Stability IOS Input Offset Current 0.05 0.25 0.05 0.35 nA IB Input Bias Current 6 8 6 10 nA en Input Noise Voltage 0.1Hz to 10Hz (Note 2) 0.6 1.2 0.6 µVP-P Input Noise Voltage Density fO = 10Hz (Note 2) 29 45 29 nV √Hz fO = 1000Hz (Note 2) 28 37 28 nV √Hz in Input Noise Current 0.1Hz to 10Hz (Note 2) 2.3 4.0 2.3 pAP-P Input Noise Current Density fO = 10Hz (Note 2) 0.06 0.10 0.06 pA √Hz fO = 1000Hz 0.02 0.02 pA √Hz Input Resistance (Note 3) Differential Mode 400 800 300 800 M Ω Common Mode 6 6 G Ω Input Voltage Range 3.5 3.8 3.5 3.8 V 0 – 0.3 0 – 0.3 V CMRR Common Mode Rejection Ratio VCM = 0V to 3.5V 95 110 92 108 dB PSRR Power Supply Rejection Ratio VS = 2.3V to 12V 100 114 98 114 dB ELECTRICAL CHARACTERISTICS ORDER PART NUMBER LT2078ACS8 LT2078AIS8 LT2078CS8 LT2078IS8 2078A 2078AI 2078 2078I PART MARKING PACKAGE/ORDER INFORMATION ORDER PART NUMBER LT2079AC LT2079AI LT2079C LT2079I 1 2 3 4 8 7 6 5 TOP VIEW V+ OUT B –IN B +IN B OUT A –IN A +IN A V– S8 PACKAGE 8-LEAD PLASTIC SO A B TOP VIEW S PACKAGE 14-LEAD PLASTIC SO 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT A –IN A +IN A V+ +IN B –IN B OUT B OUT D –IN D +IN D V– +IN C –IN C OUT C A D B C |