| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD754244GS bảng dữ liệu(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD754244GS bảng dữ liệu(HTML) 39 Page - NEC |
|
39 / 88 page ![]() 39 µPD754144, 754244 12. INSTRUCTION SETS (1) Expression formats and description methods of operands The operand is described in the operand column of each instruction in accordance with the description method for the operand expression format of the instruction. For details, refer to “RA75X ASSEMBLER PACKAGE USERS’ MANUAL — LANGUAGE (EEU-1367)”. If there are several elements, one of them is selected. Capital letters and the + and – symbols are key words and are described as they are. For immediate data, appropriate numbers and labels are described. Instead of the labels such as mem, fmem, pmem, and bit, the symbols of the registers can be described. However, there are restrictions in the labels that can be described for fmem and pmem. For details, refer to “ µPD754144, 754244 user's manual (U10676E)”. Expression Description method format reg X, A, B, C, D, E, H, L reg1 X, B, C, D, E, H, L rp XA, BC, DE, HL rp1 BC, DE, HL rp2 BC, DE rp' XA, BC, DE, HL, XA', BC', DE', HL' rp'1 BC, DE, HL, XA', BC', DE', HL' rpa HL, HL+, HL–, DE, DL rpa1 DE, DL n4 4-bit immediate data or label n8 8-bit immediate data or label mem 8-bit immediate data or labelNote bit 2-bit immediate data or label fmem FB0H-FBFH, FF0H-FFFH immediate data or label pmem FC0H-FFFH immediate data or label addr 000H-FFFH immediate data or label addr1 000H-FFFH immediate data or label caddr 12-bit immediate data or label faddr 11-bit immediate data or label taddr 20H-7FH immediate data (where bit 0 = 0) or label PORTn PORT3, 6, 7, 8 IE ××× IEBT, IET0-IET2, IE0, IE2, IEEE RBn RB0-RB3 MBn MB0, MB4, MB15 Note mem can be only used for even address in 8-bit data processing. |