| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC850S-SMD bảng dữ liệu(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
|
|||||||||||||||||||||||||||||
VC850S-SMD bảng dữ liệu(HTML) 2 Page - Roithner LaserTechnik GmbH |
|
2 / 2 page ![]() www.roithner-laser.com 2 Outline Dimensions All Dimensions in mm Precautions Static Electricity: VCSELs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken when handling or operating these VCSELs. Surge voltage or electrostatic discharge can result in complete failure of the device. Safety Advice: This VCSEL emits concentrated infrared light which can be hazardous to the human eye and skin. This diode is classified as CLASS 3B laser product according to IEC 60825-1 and 21 CFR Part 1040.10 Safety Standards. Operation: Do only operate VCSELs with a current source. Running these LEDs from a voltage source will result in complete failure of the device. Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive circuits is mandatory. © All Rights Reserved The above specifications are for reference purpose only and subjected to change without prior notice SMD |