công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1376HVCS8 bảng dữ liệu(PDF) 27 Page - Linear Technology

tên linh kiện LT1376HVCS8
Giải thích chi tiết về linh kiện  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1376HVCS8 bảng dữ liệu(HTML) 27 Page - Linear Technology

Back Button LT1376HVCS8 Datasheet HTML 20Page - Linear Technology LT1376HVCS8 Datasheet HTML 21Page - Linear Technology LT1376HVCS8 Datasheet HTML 22Page - Linear Technology LT1376HVCS8 Datasheet HTML 23Page - Linear Technology LT1376HVCS8 Datasheet HTML 24Page - Linear Technology LT1376HVCS8 Datasheet HTML 25Page - Linear Technology LT1376HVCS8 Datasheet HTML 26Page - Linear Technology LT1376HVCS8 Datasheet HTML 27Page - Linear Technology LT1376HVCS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LT1375/LT1376
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
APPLICATIONS INFORMATION
BOOST
LT1376-5
VIN
OUTPUT
5V
OUTPUT
–5V†
* L1 IS A SINGLE CORE WITH TWO WINDINGS
COILTRONICS #CTX10-2P
** AVX TPSD107M010
† IF LOAD CAN GO TO ZERO, AN OPTIONAL
PRELOAD OF 1k TO 5k MAY BE USED TO
IMPROVE LOAD REGULATION
INPUT
6V TO 25V
GND
1375/76 F20
C2
0.1
µF
CC
0.01
µF
RC
470
Ω
D1
1N5818
C1**
100
µF
10V TANT
C5**
100
µF
10V TANT
C3
22
µF
35V TANT
C4**
100
µF
10V TANT
D2
1N914
D3
1N5818
L1*
10
µH
L1*
VSW
SENSE
BIAS
GND
SHDN
VC
+
+
+
+
Figure 20. Dual Output SEPIC Converter
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N8 1197
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.020
(0.508)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com