| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD753012 bảng dữ liệu(PDF) 46 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD753012 bảng dữ liệu(HTML) 46 Page - NEC |
|
46 / 80 page ![]() 46 µPD753012, 753016, 753017 (4) Explanation of number of machine cycles column S denotes the number of machine cycles required by skip operation when a skip instruction is executed. The value of S varies as follows. • When no skip is made: S = 0 • When the skipped instruction is a 1- or 2-byte instruction: S = 1 • When the skipped instruction is a 3-byte instructionNote: S = 2 Note 3-byte instruction: BR !addr, BRA !addr1, CALL !addr or CALLA !addr1 instruction Caution The GETI instruction is skipped in one machine cycle. One machine cycle is equal to one cycle of CPU clock Φ (= tCY); time can be selected from among four types by setting PCC. |