công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M4-128/64-7VC bảng dữ liệu(PDF) 32 Page - Lattice Semiconductor

tên linh kiện M4-128/64-7VC
Giải thích chi tiết về linh kiện  High Performance E 2 CMOS In-System Programmable Logic
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4-128/64-7VC bảng dữ liệu(HTML) 32 Page - Lattice Semiconductor

Back Button M4-128/64-7VC Datasheet HTML 28Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 29Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 30Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 31Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 32Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 33Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 34Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 35Page - Lattice Semiconductor M4-128/64-7VC Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
32
MACH 4 Family
MACH 4 TIMING PARAMETERS OVER OPERATING RANGES1
-7
-10
-12
-14
-15
-18
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Combinatorial Delay:
tPDi
Internal combinatorial propagation delay
5.5
8.0
10.0
12.0
13.0
16.0
ns
tPD
Combinatorial propagation delay
7.5
10.0
12.0
14.0
15.0
18.0
ns
Registered Delays:
tSS
Synchronous clock setup time, D-type register
5.5
6.0
7.0
10.0
10.0
12.0
ns
tSST
Synchronous clock setup time, T-type register
6.5
7.0
8.0
11.0
11.0
13.0
ns
tSA
Asynchronous clock setup time, D-type register
3.5
4.0
5.0
8.0
8.0
10.0
ns
tSAT
Asynchronous clock setup time, T-type register
4.5
5.0
6.0
9.0
9.0
11.0
ns
tHS
Synchronous clock hold time
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHA
Asynchronous clock hold time
3.5
4.0
5.0
8.0
8.0
10.0
ns
tCOSi
Synchronous clock to internal output
3.5
4.5
6.0
8.0
8.0
10.0
ns
tCOS
Synchronous clock to output
5.5
6.5
8.0
10.0
10.0
12.0
ns
tCOAi
Asynchronous clock to internal output
7.5
10.0
12.0
16.0
16.0
18.0
ns
tCOA
Asynchronous clock to output
9.5
12.0
14.0
18.0
18.0
20.0
ns
Latched Delays:
tSSL
Synchronous Latch setup time
6.0
7.0
8.0
10.0
10.0
12.0
ns
tSAL
Asynchronous Latch setup time
4.0
4.0
5.0
8.0
8.0
10.0
ns
tHSL
Synchronous Latch hold time
0.0
0.0
0.0
0.0
0.0
0.0
ns
tHAL
Asynchronous Latch hold time
4.0
4.0
5.0
8.0
8.0
10.0
ns
tPDLi
Transparent latch to internal output
8.0
10.0
12.0
15.0
15.0
18.0
ns
tPDL
Propagation delay through transparent latch to output
10.0
12.0
14.0
17.0
17.0
20.0
ns
tGOSi
Synchronous Gate to internal output
4.0
5.5
8.0
9.0
9.0
10.0
ns
tGOS
Synchronous Gate to output
6.0
7.5
10.0
11.0
11.0
12.0
ns
tGOAi
Asynchronous Gate to internal output
9.0
11.0
14.0
17.0
17.0
20.0
ns
tGOA
Asynchronous Gate to output
11.0
13.0
16.0
19.0
19.0
22.0
ns
Input Register Delays:
tSIRS
Input register setup time
2.0
2.0
2.0
2.0
2.0
2.0
ns
tHIRS
Input register hold time
3.0
3.0
3.0
4.0
4.0
4.0
ns
tICOSi
Input register clock to internal feedback
3.5
4.5
6.0
6.0
6.0
6.0
ns
Input Latch Delays:
tSIL
Input latch setup time
2.0
2.0
2.0
2.0
2.0
2.0
ns
tHIL
Input latch hold time
3.0
3.0
3.0
4.0
4.0
4.0
ns
tIGOSi
Input latch gate to internal feedback
4.0
4.0
4.0
5.0
5.0
6.0
ns
tPDILi
Transparent input latch to internal feedback
2.0
2.0
2.0
2.0
2.0
2.0
ns
Input Register Delays with ZHT Option:
tSIRZ
Input register setup time - ZHT
6.0
6.0
6.0
6.0
6.0
6.0
ns
tHIRZ
Input register hold time - ZHT
0.0
0.0
0.0
0.0
0.0
0.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com