| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1027C bảng dữ liệu(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1027C bảng dữ liệu(HTML) 6 Page - Linear Technology |
|
6 / 8 page ![]() LT1027 6 S APPLICATI I FOR ATIO IN OUT GND + GROUND RETURN KEEP THIS LINE RESISTANCE LOW 1027 F02 INPUT LT1027 LOAD Figure 2. Standard Hook-Up IN OUT GND LT1027 GROUND RETURN INPUT R1 91 Ω R2* 2.4k LOAD 1027 F03 *OPTIONAL–REDUCES CURRENT IN OUTPUT SENSE LEAD 4.7 µF + 2N4403 Figure 3. Driving Higher Load Currents LT1027 VIN 7 1 µF 1 µF 0.01 µF VOUT 16 13 12 11 17 14 LTC1043 8 1027 TA04 VIN OUT GND – + LT1097 LT1027 VIN 1027 TA03 IN OUT VTRIM GND 5k 5k* 10.00V OUTPUT 5k* * 0.1% METAL FILM 10V Reference 10V Reference Operating 5V Reference from 5V Supply C2 5 µF* ≈8.5V 5V REFERENCE 1N914 LT1027 C1 5 µF* 1N914 5V LOGIC SUPPLY CMOS LOGIC GATE** *FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED **PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING fIN ≥ 2kHz* IN OUT GND 1027 TA05 + TYPICAL APPLICATIONS |