| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1001AMJ8/883 bảng dữ liệu(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1001AMJ8/883 bảng dữ liệu(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() 4 LT1001 TYPICAL PERFORMANCE CHARACTERISTICS TIME AFTER POWER ON (MINUTES) 0 4 3 2 1 4 1001 G03 1 2 3 5 VS = ±15V TA = 25°C METAL CAN (H) PACKAGE DUAL-IN-LINE PACKAGE PLASTIC (N) OR CERDIP (J) Long Term Stability of Four Representative Units 0.1Hz to 10Hz Noise TIME (SECONDS) 0 8 1001 G04 2 4 6 10 TEMPERATURE ( °C) –50 1.4 1.2 1.0 0.8 0.6 0.4 0.2 25 75 1001 G07 –25 0 50 100 125 VS = ±15V BIAS CURRENT OFFSET CURRENT Input Bias and Offset Current vs Temperature ±DIFFERENTIAL INPUT (VOLTS) 0.1 0 10 20 30 1.0 3.0 0.3 10 30 1001 G09 VS = ±15V TA = 25°C IB ≈ 1 nA to VDIFF = 0.7V TIME (MONTHS) 0 4 1001 G06 1 2 3 5 10 5 0 –5 –10 COMMON-MODE INPUT VOLTAGE –15 1.5 1.0 0.5 0 –.5 –1.0 –1.5 –10 –5 0 5 1001 G08 10 15 VS = ±15V TA = 25°C DEVICE WITH POSITIVE INPUT CURRENT DEVICE WITH NEGATIVE INPUT CURRENT – + VCM Ib COMMON-MODE INPUT RESISTANCE = = 280G Ω 28V 0.1nA FREQUENCY (Hz) 1 1 3 10 30 100 0.1 1.0 3 10 10 100 1000 1001 G05 TA = 25°C VS = ±3 TO ±18V VOLTAGE CURRENT 1/f CORNER 70Hz 1/f CORNER 4Hz 0.3 Noise Spectrum OFFSET VOLTAGE DRIFT ( µV/°C) –1.0 100 80 60 40 20 +0.2 1001 G01 –0.6 –0.2 0 +0.6 +1.0 265 UNITS TESTED Input Bias Current Over the Common Mode Range Input Bias Current vs Differential Input Voltage TEMPERATURE ( °C) –50 50 40 30 20 10 0 –10 –20 –30 –40 –50 0 50 75 1001 G02 –25 25 100 125 LT1001 LT1001A LT1001A LT1001 VS = ±15V Warm-Up Drift Offset Voltage Drift withTemperature of Representative Units Typical Distribution of Offset Voltage Drift with Temperature |