công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD750004CU bảng dữ liệu(PDF) 13 Page - NEC

tên linh kiện UPD750004CU
Giải thích chi tiết về linh kiện  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD750004CU bảng dữ liệu(HTML) 13 Page - NEC

Back Button UPD750004CU Datasheet HTML 9Page - NEC UPD750004CU Datasheet HTML 10Page - NEC UPD750004CU Datasheet HTML 11Page - NEC UPD750004CU Datasheet HTML 12Page - NEC UPD750004CU Datasheet HTML 13Page - NEC UPD750004CU Datasheet HTML 14Page - NEC UPD750004CU Datasheet HTML 15Page - NEC UPD750004CU Datasheet HTML 16Page - NEC UPD750004CU Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
13
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
Input state
: To be connected to VSS or VDD
through a separate resistor
Output state : To be left open
Input state
: To be connected to VSS or VDD
through a separate resistor
Output state : To be left open
Input state
: To be connected to VSS
Output state : To be connected to VSS
(Do not connect to a pull-up
resistor specified with a mask
option.)
3.4
CONNECTION OF UNUSED PINS
Table 3-1
Connection of Unused Pins
Note When the subsystem clock is not used, set SOS.0 to 1 (not to use the built-
in feedback resistor).
Pin name
Recommended connection
P00/INT4
To be connected to VSS or VDD
P01/SCK
P02/SO/SB0
P03/SI/SB1
To be connected to VSS
P10/INT0 - P12/INT2
To be connected to VSS or VDD
P13/TI0
P20/PTO0
P21/PTO1
P22/PCL
P23/BUZ
P30 - P33
P40 - P43
P50 - P53
P60/KR0 - P63/KR3
P70/KR4 - P73/KR7
P80, P81
XT1Note
To be connected to VSS
XT2Note
To be left open
IC
To be connected directly to VDD
To be connected to VSS or VDD through a
separate resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84