| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1759 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1759 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 50 page ![]() Running the Wireless M-Bus application UM1759 44/50 DocID026279 Rev 1 Figure 29. Monitoring window 5.5 Board configuration with PC-GUI In order to support the GUI, the board must be programmed with the WMBUS_SDK firmware as explained in Section 5.3.1. 1. After launching the GUI, connect using the top left icon. GUI will ask you to select the Com port for the device. On successful connection the “connection successful” window will pop-up. Figure 30. Select COM port for device |