công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0237 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện PM0237
Giải thích chi tiết về linh kiện  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 7Page - STMicroelectronics PM0237 Datasheet HTML 8Page - STMicroelectronics PM0237 Datasheet HTML 9Page - STMicroelectronics PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
DocID027104 Rev 2
11/88
PM0237
Bluetooth low energy technology
88
1.3
Link Layer (LL)
The link layer (LL) defines how two devices can use a radio for transmitting information
between each other.
The link layer defines a state machine with five states:
Figure 3. Link Layer state machine
Standby: the device does not transmit or receive packets
Advertising: the device broadcasts advertisements in advertising channels (it is called
an advertiser device)
Scanning: device looks for advertisers devices (it is called a scanner device).
Initiating: the device initiates connection to advertiser device
Connection: the initiator device is in Master Role: it communicates with the device in
the Slave role and it defines timings of transmissions
Advertiser device is in Slave Role: it communicates with a single device in Master Role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88