| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4683 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4683 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 31 page ![]() DocID027745 Rev 1 5/31 AN4683 SSL/TLS protocol overview 31 1.1 SSL/TLS sub-protocols The TLS record layer and TLS handshake layer consists of four sub-protocols overall: handshake protocol, change cipher spec protocol, alert protocol, and record protocol. 1.1.1 Handshake protocol This sub-protocol is used to negotiate session information between the client and the server. The session information consists of a session ID, peer certificate(s), the cipher suite, the compression algorithm, and a shared secret that is used to generate the session key. Figure 2 depicts the message flow for a full handshake process (see [5] in References). The optional value indicates optional or situation-dependent messages, i.e. in the case of mutual authentication a TLS server must send its certificate and request a certificate from the client, while in the case of anonymous negotiation the optional messages may be skipped. The certificate-based authentication is examined more in detail in Section 1.2. Figure 2. SSL/TLS full handshake procedure 1. The client sends a ClientHello message specifying the highest SSL/TLS protocol version (SSLv3.0, TLSv1.0, 1.1 or 1.2) it supports, a random number, a list of suggested cipher suites and compression methods. 2. The server responds with a ServerHello message, containing the chosen protocol version, another random number, cipher suite and compression method from the choices offered by the client, and the session ID. Note: The chosen protocol version should be the highest that both client and server support. |