| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4655 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4655 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() SW methods AN4655 16/21 DocID027483 Rev 1 #define setup_dly() {};/* no code is provided */ #define half_bit_dly() {}; 2.5.3 I2C master bit-banging sequence This example is related to procedures controlling I2C master 8 bits data frame read and write transactions. #define i2c_bus_init() { I2C_DR |= ((1 << I2C_SDA_PIN) | (1 << I2C_SCL_PIN)); } #define i2c_set_sda() { I2C_DR |= (1 << I2C_SDA_PIN); } #define i2c_clear_sda() { I2C_DR &= ~(1 << I2C_SDA_PIN); } #define i2c_get_sda() (I2C_DR & I2C_SDA_PIN) #define i2c_set_scl() { I2C_DR |= (1 << I2C_SCL_PIN); } #define i2c_clear_scl() { I2C_DR &= ~(1 << I2C_SCL_PIN); } #define sda_wr_control(b) { (b & msk) ? i2c_set_sda() : i2c_clear_sda(); } #define sda_rd_control(b) { I f(i2c_get_sda() != 0) b |= msk; } /** * @brief I2C master write 8-bit data bit-bang * @param unsigned char b - data to transmit * @retval unsigned char ack – acknowledgement received */ void I2C_master_write (unsigned char b) { unsigned char msk = 0x80; unsigned char ack; do { sda_wr_control(b); setup_dly(); i2c_set_scl(); half_bit_dly(); i2c_clear_scl(); setup_dly(); } while ((msk>>=1) != 0); i2c_set_sda();/* ACK slot checking */ i2c_set_scl(); half_bit_dly(); ack = i2c_get_sda(); i2c_clear_scl(); return (ack); } |