| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4617 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4617 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() Peripheral migration AN4617 14/26 DocID027161 Rev 1 Note: Recent products can feature additional DMA channels corresponding to the added peripherals. User has to refer to the latest available documentation. 2.6 Interrupt vectors Table 9 summarizes the differences of the interrupt vector table between the STM32F0 and STM32L0 series. Table 8. DMA request differences between STM32F0 and STM32L0 series Peripheral STM32F0 series STM32L0 series USART3 USART4 USART5 LPUART1 Ch2, Ch3, Ch6, Ch7 Ch6, Ch7 Ch1, Ch2, Ch3, Ch4, Ch5, Ch6, Ch7 Not available Not available Ch2, Ch3, Ch6, Ch7 Ch2, Ch3, Ch6, Ch7 Ch2, Ch3, Ch6, Ch7 TIM1 TIM3 TIM6 TIM15 TIM16 TIM17 Ch2, Ch3, Ch4, Ch5, Ch7 Ch2, Ch3, Ch4, Ch6 Ch3 Ch5 Ch3, Ch4, Ch6 Ch1, Ch2, Ch7 Not available Ch2, Ch3, Ch5, Ch6 Ch2 Not available Not available Not available DAC Ch3, Ch4 Ch2, Ch4 AES Not available Ch1, Ch2, Ch3, Ch5 Table 9. Interrupt vector differences between STM32F0 and STM32L0 series Position [Priority] STM32F0 series STM32L0 series - [0] Reserved Memory management - [1] Reserved Pre-fetch fault, memory access fault - [2] Reserved Undefined instruction or illegal state - [4] Reserved Debug Monitor 1 [8] PVD and VDDIO2 supply comparator EXTI lines 16 and 31 PVD comparator through EXTI Line 3 [10] Flash Flash and EEPROM 10 [17] DMA1_CH2_3, DMA2_CH1_2 DMA1_CH2_3 11 [18] DMA1_CH4_5_6_7, DMA2_CH3_4_5 DMA1_CH4_5_6_7 13 [20] TIM1 break, update, trigger and commutation LPTIM1 through EXTI29 14 [21] TIM1 capture compare Reserved 19 [26] TIM14 Reserved 20 [27] TIM15 TIM21 21 [28] TIM16 I2C3 |