công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4539 bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện AN4539
Giải thích chi tiết về linh kiện  HRTIM cookbook
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4539 bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button AN4539 Datasheet HTML 24Page - STMicroelectronics AN4539 Datasheet HTML 25Page - STMicroelectronics AN4539 Datasheet HTML 26Page - STMicroelectronics AN4539 Datasheet HTML 27Page - STMicroelectronics AN4539 Datasheet HTML 28Page - STMicroelectronics AN4539 Datasheet HTML 29Page - STMicroelectronics AN4539 Datasheet HTML 30Page - STMicroelectronics AN4539 Datasheet HTML 31Page - STMicroelectronics AN4539 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Transition mode power factor controller
AN4539
28/33
DocID026506 Rev 1
Figure 15 and Figure 16 show the waveforms during the various operating mode, with the
following parameters defined:
•
Ton min: during this period, spurious over-currents are discarded (typically these are
freewheeling diode recovery currents). It is represented as OC blanking and
programmed with CMP3;
•
Ton max: practically, the converter set-point. It is defined with CMP1;
•
Toff min: limits the frequency when current limit is close to zero (demagnetization is very
fast). It is defined with CMP2 in auto-delayed mode;
•
Toff max: prevents the system to be stuck if no ZCD occurs. It is defined with CMP4 in
auto-delayed mode.
Figure 15. Transition mode PFC operation at Ton max and during over-current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33