công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD72107L bảng dữ liệu(PDF) 2 Page - NEC

tên linh kiện UPD72107L
Giải thích chi tiết về linh kiện  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD72107L bảng dữ liệu(HTML) 2 Page - NEC

  UPD72107L Datasheet HTML 1Page - NEC UPD72107L Datasheet HTML 2Page - NEC UPD72107L Datasheet HTML 3Page - NEC UPD72107L Datasheet HTML 4Page - NEC UPD72107L Datasheet HTML 5Page - NEC UPD72107L Datasheet HTML 6Page - NEC UPD72107L Datasheet HTML 7Page - NEC UPD72107L Datasheet HTML 8Page - NEC UPD72107L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
µPD72107
BLOCK DIAGRAM
Name
Function
Bus interface
An interface between the
µPD72107 and external memory or external host processor
Internal controller
Manages LAP-B protocol including control of the DMAC block, transmitter block, and receiver block
DMAC
Controls the transfer of data on the external memory to the internal controller or transmitter block,
(Direct Memory
and controls the writing of data in the internal controller or receiver block to the external memory
Access Controller)
TxFIFO
A 16-byte buffer for when transmit data is sent from the DMAC to the transmitter block
RxFIFO
A 32-byte buffer for when receive data is sent from the receiver block to the DMAC
Transmitter
Converts the contents of TxFIFO into an HDLC frame and transmits it as serial data
Receiver
Receives HDLC frame and writes internal data to RxFIFO
Internal bus
An 8-bit address bus and 8-bit data bus that connect the internal controller, DMAC, FIFO, serial block,
and bus interface block
D0-D7
A16D8
-A23D15
A0-A15
IORD
IOWR
MRD
MWR
UBE
CS
ASTB
AEN
READY
HLDRQ
HLDAK
CRQ
INT
CLRINT
B/W
PU
VCC
GND
RESET
CLK
Bus
interface
Internal controller
TxFIFO
Transmitter
Internal bus
Receiver
RxFIFO
DMAC
TxC
TxD
RTS
CTS
CD
RxC
RxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32