| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1542 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1542 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 43 page ![]() UM1542 STM8 program debugging Doc ID 023172 Rev 1 39/43 J8 J18 (2) 1. This debugging mode refers to the possibility to potentially debug a new different firmware uploaded in the STM8 microcontroller. Do not mistake with “Debug mode” described in Section 3.6.3, since it means an operating mode offered by the PC-GUI software, nothing to do with the debugging of firmware. 2. Only if an insulated power source is used. Table 7. Jumper configuration in programming and debugging modes Jumper Programming mode Debugging mode(1) Description |