| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1519 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1519 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 40 page ![]() STM3220G-EVAL demonstration board UM1519 22/40 Doc ID 022813 Rev 2 1.13 Ethernet RJ45 connector CN7 Figure 6. Ethernet RJ45 connector CN7 1.14 JTAG debugging connector CN14 Figure 7. JTAG debugging connector CN14 38 PA14 TCK/SWCLK - 40 PI3 I2S_DIN - Table 10. Daughterboard extension connector CN4 (continued) Pin Description Alternative function How to disconnect with function block on STM322xG-EVAL board Table 11. Ethernet RJ45 connector CN7 Pin number Description Pin number Description 1 TxData+ 2 TxData- 3 RxData+ 4 Shield 5 Shield 6 RxData- 7 Shield 8 Shield |