công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4538 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện AN4538
Giải thích chi tiết về linh kiện  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID026505 Rev 1
11/25
AN4538
STM32F3xx microcontroller low-power overview
24
1.4.2
Low-power features
Some STM32F3xxxx peripherals have low-power features which facilitate the use of low-
power modes while maintaining a high processing capability. The availability of these
features differs between the STM32F3xx microcontrollers.
•
COMP
The STM32F3xxxx comparators work independently from the PCLK2 clock. Thanks to
this clock, the comparators can even operate in Stop mode. Each comparator has its
own EXTI line and can generate either interrupts or events, which can wake up the
device from both Sleep and Stop modes.
The outputs can be connected to an I/O or to multiple timer inputs in order to trigger
control and monitor analog signals during Sleep mode.
The comparator power consumption versus speed can be adjusted to have the
optimum trade-off for a given application (This feature is available only in the
STM32F303/302xB/C, STM32F358xx, STM32F373xx and STM32F378xx devices.).
•
U(S)ART
All U(S)ART interfaces can be served by the DMA controller during Sleep mode.
USART supports a dual clock domain which allows the functionality and wake up from
Stop mode. USART can wake up from Stop mode via either address match, start bit or
by RXNE when its clock source is HSI or LSE.
Such feature facilitates the design and development of the application while
maintaining the power efficiency.
Note that the user can put the IrDA SIR ENDEC in low-power mode to save more
power.
•
I2C
DMA can be used to reduce CPU overload and thus the power consumption. The I2C
is clocked by an independent clock source which allows the I2C to operate
independently from the PCLK frequency. When the I2C clock source is the HSI, the I2C
can wake up from Stop mode on address match.
•
CEC
Consumer Electronics Control protocol can operate at low speeds with a minimum
processing and memory overhead. It has a clock domain independent from the CPU
clock, allowing to wake up the MCU from Stop mode on data reception.
HDMI_CEC controller is embedded only in STM32F37xxx devices.
•
ADC
The STM32F3xxxx devices (except for STM32F373/378xx devices) embed a low-
power ADC which consumption is proportional to the speed. The lowest consumption is
got with the lowest speed.
This ADC has two clock sources derived from AHB and PLLCLK clocks. Consequently,
the max speed 5MSPS can be reached even with a slow AHB bus frequency. In this
case, ADC auto-delayed feature is available in order to avoid ADC overruns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com