| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4471 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4471 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 39 page ![]() DocID026197 Rev 1 25/39 AN4471 Connectors 39 Figure 18. Power supply connector J3 4.2 Power-up sequence The device is fully power-up/power-down sequence free, so there is no recommended sequence to follow in order to power up/down the STHV800. In any case, the relationships HVM_CW ≥ HVM and HVP_CW ≤ HVP must be respected during operation. 4.3 MCU Figure 19. USB mini-B connector (CN1) Figure 20. SWD (J40) Table 21. USB mini-B connector pinout Pin number Description 1 Vbus (power) 2 DM (STM32 PA11) 3 DM (STM32 PA11) 4 N.C. 5 Ground |