| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4430 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4430 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 42 page ![]() DocID025722 Rev 1 25/42 AN4430 How to create an Android Application for ST dual memories 41 If a new NFC tag is detected during the MainActivity life (ie.:Activity is already in a started state) and as activity is in launched mode set to "singleTop" ,the new intent is sent to the activity which is in a foreground state and the onNewIntent(Intent) callback is called by the system. Then onNewIntent(intent) callback can be overridden as following: At this stage the activity is setup to start on NDEF intent from the System, to grab NDEF intent while it still alive. The last action the activity must perform is to treat the received NDEF message according the activity is designed to. Received NDEF intent carrying all the Tag information parsed by low HW/SW layers. Intent intent = getIntent(); String action = intent.getAction(); // Manage Intent in case the intent activate the application (automated launch) // check AndroidManifest.xml if (NfcAdapter.ACTION_NDEF_DISCOVERED.equals(action)) { process(intent); // call private method to treat the intent // storing NDEF Data } @Override public void onNewIntent(Intent intent) { String action = intent.getAction(); if (NfcAdapter.ACTION_NDEF_DISCOVERED.equals(action)) { process(intent); } } |