công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD7225 bảng dữ liệu(PDF) 17 Page - NEC

tên linh kiện UPD7225
Giải thích chi tiết về linh kiện  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD7225 bảng dữ liệu(HTML) 17 Page - NEC

Back Button UPD7225 Datasheet HTML 13Page - NEC UPD7225 Datasheet HTML 14Page - NEC UPD7225 Datasheet HTML 15Page - NEC UPD7225 Datasheet HTML 16Page - NEC UPD7225 Datasheet HTML 17Page - NEC UPD7225 Datasheet HTML 18Page - NEC UPD7225 Datasheet HTML 19Page - NEC UPD7225 Datasheet HTML 20Page - NEC UPD7225 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet S14308EJ6V0DS00
17
µµµµPD7225
2.6 Blinking Data Memory
The blinking data memory stores blinking data used to control display on/off operation (blinking).
Blinking
operation can be performed in segment units. Each bit in blinking data memory corresponds to a bit in the data
memory; if a bit in the blinking data memory is set to 1, the corresponding segment will blink.
The blinking data memory is addressed by the data pointer at the same time the data memory is addressed. Data
is written by using the WRITE BLINKING DATA MEMORY command, and bit manipulation can be performed by
using the AND BLINKING DATA MEMORY, or OR BLINKING DATA MEMORY command.
The BLINKING ON
command is used to initiate blinking operation or select the blinking interval (refer to 3.2
Blinking Frequency
Setting)
2.7 Display Data Latch
The display data latch stores the data of the 32
× 4-bit segment driver. Each bit of the display data latch
corresponds to a bit in the data memory. All contents of the data memory are transferred to the display data latch at
the rising edge of /CS, and the contents displayed on the LCD are modified. If blinking is set, the contents of data
memory are modified by the contents of blinking data memory and the resulting values are transferred to the display
data latch.
The display data written to the display data latch is successively selected by the control function performed by the
LCD timing control, and converted to segment drive signal before output.
2.8 LCD Driver
The LCD driver consists of the segment driver and the common driver, and generates the segment drive signal
and common drive signal.
The segment driver outputs a segment signal so that the relationship with the common drive signal is select level if
the drive data stored in the display data latch is 1. If the drive data stored in the display data latch is 0, the output of
the segment driver will be non-select level.
The common drive signal sequentially drives the LCD common poles according to the time divison specificaion.
2.9 LCD Timing Control
The LCD timing control generates the LCD drive timing according to the number of time divisions, the frequency
division ratio, and bias method, and supplies it to the LCD driver. In addition, the LCD timing control outputs a /SYNC
signal from the /SYNC pin in order to synchronize the display timing of each
µPD7225 when configured in a multi-
chip configuration.
In a multi-chip configuration, the common signal can be used in common or blinking operation can be
synchronized by making a wired-OR connection with the /SYNC pin of each
µPD7225.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com