| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD72107 bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD72107 bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 32 page ![]() 2 µPD72107 BLOCK DIAGRAM Name Function Bus interface An interface between the µPD72107 and external memory or external host processor Internal controller Manages LAP-B protocol including control of the DMAC block, transmitter block, and receiver block DMAC Controls the transfer of data on the external memory to the internal controller or transmitter block, (Direct Memory and controls the writing of data in the internal controller or receiver block to the external memory Access Controller) TxFIFO A 16-byte buffer for when transmit data is sent from the DMAC to the transmitter block RxFIFO A 32-byte buffer for when receive data is sent from the receiver block to the DMAC Transmitter Converts the contents of TxFIFO into an HDLC frame and transmits it as serial data Receiver Receives HDLC frame and writes internal data to RxFIFO Internal bus An 8-bit address bus and 8-bit data bus that connect the internal controller, DMAC, FIFO, serial block, and bus interface block D0-D7 A16D8 -A23D15 A0-A15 IORD IOWR MRD MWR UBE CS ASTB AEN READY HLDRQ HLDAK CRQ INT CLRINT B/W PU VCC GND RESET CLK Bus interface Internal controller TxFIFO Transmitter Internal bus Receiver RxFIFO DMAC TxC TxD RTS CTS CD RxC RxD |