| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4230 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4230 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 24 page ![]() DocIDID024118 Rev 1 21/24 AN4230 Additional information 2 0 1 0 1 2 1 0 2 1 0.739918 10/10 OverlappingTemplate 1 0 2 1 0 2 2 1 1 0 0.739918 10/10 Universal 1 1 0 0 2 0 2 3 1 0 0.350485 10/10 ApproximateEntropy 0 1 1 1 1 0 0 0 1 0 ---- 5/5 RandomExcursions 1 1 0 0 2 0 0 0 0 1 ---- 5/5 RandomExcursions 0 1 1 1 0 0 0 0 1 1 ---- 5/5 RandomExcursions 0 0 0 0 0 1 1 0 2 1 ---- 5/5 RandomExcursions 1 0 0 0 3 0 0 0 1 0 ---- 5/5 RandomExcursions 0 0 0 1 1 0 0 1 1 1 ---- 5/5 RandomExcursions 1 0 1 1 0 2 0 0 0 0 ---- 5/5 RandomExcursions 1 0 0 0 1 1 1 0 1 0 ---- 5/5 RandomExcursions 2 1 0 1 1 0 0 0 0 0 ---- 5/5 RandomExcursionsVariant 2 1 0 0 1 1 0 0 0 0 ---- 5/5 RandomExcursionsVariant 1 1 0 2 1 0 0 0 0 0 ---- 5/5 RandomExcursionsVariant 1 2 0 1 1 0 0 0 0 0 ---- 5/5 RandomExcursionsVariant 1 1 1 1 0 0 0 1 0 0 ---- 5/5 RandomExcursionsVariant 1 1 0 1 1 0 0 0 0 1 ---- 5/5 RandomExcursionsVariant 0 1 0 2 1 0 0 0 0 1 ---- 5/5 RandomExcursionsVariant 0 0 0 1 0 1 0 3 0 0 ---- 5/5 RandomExcursionsVariant 0 0 0 0 0 0 2 1 1 1 ---- 5/5 RandomExcursionsVariant 0 0 1 0 0 0 1 1 1 1 ---- 5/5 RandomExcursionsVariant 0 0 0 1 0 0 2 0 2 0 ---- 5/5 RandomExcursionsVariant 0 1 0 0 1 1 1 1 0 0 ---- 5/5 RandomExcursionsVariant 1 0 0 2 0 1 1 0 0 0 ---- 5/5 RandomExcursionsVariant 1 0 0 0 2 1 0 0 0 1 ---- 5/5 RandomExcursionsVariant 0 0 0 1 1 0 1 1 1 0 ---- 5/5 RandomExcursionsVariant 0 0 0 0 2 0 2 0 0 1 ---- 5/5 RandomExcursionsVariant 0 0 1 0 1 2 1 0 0 0 ---- 5/5 RandomExcursionsVariant 0 0 1 0 0 2 2 0 0 0 ---- 5/5 RandomExcursionsVariant 1 1 0 0 0 2 3 0 2 1 0.350485 10/10 Serial 0 2 1 0 3 1 0 1 1 1 0.534146 10/10 Serial 2 1 1 1 0 1 1 3 0 0 0.534146 10/10 LinearComplexity - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - The minimum pass rate for each statistical test, with the exception of the random excursion (variant) test, is approximately 8 for a sample size of 10 binary sequences. |