| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4229 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4229 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 26 page ![]() DocID024112 Rev 1 19/26 AN4229 How to use the demonstration 25 On EVAL boards the selected module is highlighted. Use joystick up and down to change selection and Joystick Center to validate the selection and navigate to next menu. On DISCOVERY board, rotate the board to the left or right to change selection and push user button to validate it. In the main menu, if the green LED is on then the player module is selected while the red LED corresponds to the recorder module (Figure 10). Figure 10. Player and recorder selection 3.3.1 Player menu In the audio player menu there are four possible actions: play, next, previous and stop. On DISCOVERY board, here are the correspondences between LEDs indications and selected actions: • Orange LED is on: PLAY action selected • Red LED is on: NEXT action selected • Blue LED is on: PREV action selected • Green LED is on: STOP action selected On EVAL board display the selected action is clearly highlighted together with some useful information: number of supported files found on media storage, currently selected file name, player status. Additionally, the LEDs provide an indication on the audio player status (see Figure 11). |