| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4207 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4207 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 28 page ![]() Overview of 16-bit SDADC AN4207 12/28 Doc ID 023945 Rev 1 Figure 7. Gain error in SDADC Two types of gain are implemented in the SDADC: Analog gain: x1/2, x1, x2, x4, x8 Digital gain: x16 and x32. Only the analog gains are considered in gain calibration. Gain calibration requires an external accurate reference and it is performed by applying the accurate reference voltage (AccRef) at the SDADC input and getting the SDADC output. The gain is computed as following: AccRef/(Output x Vref/65535) The computed gain can be stored in non-volatile memory (Flash memory) and used during acquisition phase Note: Before running gain calibration it is mandatory to run offset calibration. Analog input Digital value 1 Positive gain error 2 Negative gain error 3 Null gain error MSv31133V1 |