công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4128 bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện AN4128
Giải thích chi tiết về linh kiện  This document describes the STEVAL-SPBT4ATV3 demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4128 bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button AN4128 Datasheet HTML 16Page - STMicroelectronics AN4128 Datasheet HTML 17Page - STMicroelectronics AN4128 Datasheet HTML 18Page - STMicroelectronics AN4128 Datasheet HTML 19Page - STMicroelectronics AN4128 Datasheet HTML 20Page - STMicroelectronics AN4128 Datasheet HTML 21Page - STMicroelectronics AN4128 Datasheet HTML 22Page - STMicroelectronics AN4128 Datasheet HTML 23Page - STMicroelectronics AN4128 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Getting started
AN4128
20/28
Doc ID 023306 Rev 1
Information related to successful disconnection is displayed on both screens.
●
Smart cable setup:
The smart cable setup command is used to enable and configure a SmartCable device.
A device BD address is specified with which to automatically establish a connection,
replacing the need for AT connection commands.
It is stored in the non-volatile memory.
The command is:
–
AT+AB SmartCableSetup [BD Addr] [Attempts] [Interval]
If the command is successful, the response is:
–
AT-AB SmartCableConfigDone
In this case, suppose an automatic connection of dongle1 to dongle2 at power-on is
needed, with the possibility to retry for 5 times with an interval of 1 sec between each retry.
The command is:
–
AT+AB SmartCableSetup 0080e1f00002 5 1
This command is stored inside the non-volatile memory and executed at power-on.
In case dongle2 is already powered:
Figure 28.
Smart cable dongle1, dongle2
If dongle2 is not powered or not available, dongle1 automatically retries 5 times.
Figure 29.
Automatic retrial dongle1
If dongle2 is present, dongle1 automatically connects. If dongle2 is unplugged, connection
fails. However, connection is automatically restored if dongle2 is again plugged in during the
interval of retrial assigned to dongle1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28