| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1510 bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1510 bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 69 page ![]() UM1510 STM32L152D-EVAL demonstration programming Doc ID 022713 Rev 1 67/69 4.2.3 Using USB DFU To program the demonstration's binary image into the internal Flash memory, you have to use the stm32l152d-eval_fw_v1.0.0.dfu file located under Project\STM32L152D- EVAL\Binary with USB DFU. For more details, please refer to user manual UM0424 STM32 USB-FS-Device development kit. 4.2.4 Using preconfigured projects ■ Select the folder corresponding to your preferred toolchain (MDK-ARM, EWARM, RIDE, TASKING or TrueSTUDIO). ■ Open the STM32L152D_EVAL project and rebuild all sources. ■ Load the project image through your debugger. ■ Restart the evaluation board (press B1: reset button). |