| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0853 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0853 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 56 page ![]() UM0853 How to control the RF and I²C channels from your screen Doc ID 16609 Rev 3 31/56 Figure 61. Lock-sector Password command Figure 62. Lock-sector Password command successful Figure 63. Lock-sector Password command error 3.2.14 Additional feature: energy harvesting commands M24LRXXE devices, such as the M24LR16E-R, have the Energy Harvesting capability. Clicking the Display Energy Harvesting commands button (see Figure 64) opens a new window which allows to manage Energy Harvesting (see Figure 65). Several RF commands are available: ● Click the Read config byte button to send a ReadCfg command to the M24LRXXE and display the value of the config byte. ● Click the Write E.H. config button to send a WriteEHCfg command to the M24LRXXE in order to change EH configuration (EH_MODE and EH config bits). ● Click the Write D.O. config button to send a WriteDOCfg command to the M24LRXXE and change Digital Output config. ● Click the Check E.H. enable button to send a CheckEHEn command to the M24LRXXE and display the value of this Control Register. ● Click the Reset/Set EH buttons to send a SetRstEHEn command to the M24LRXXE and deactivate/activate energy harvesting (when possible) Refer to the datasheets for full details on energy harvesting commands. Figure 64. Energy harvesting commands button |