công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0564 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện UM0564
Giải thích chi tiết về linh kiện  Device firmware upgrade
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0564 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button UM0564 Datasheet HTML 12Page - STMicroelectronics UM0564 Datasheet HTML 13Page - STMicroelectronics UM0564 Datasheet HTML 14Page - STMicroelectronics UM0564 Datasheet HTML 15Page - STMicroelectronics UM0564 Datasheet HTML 16Page - STMicroelectronics UM0564 Datasheet HTML 17Page - STMicroelectronics UM0564 Datasheet HTML 18Page - STMicroelectronics UM0564 Datasheet HTML 19Page - STMicroelectronics UM0564 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Troubleshooting
UM0564
18/20
8
Troubleshooting
If, after downloading your application into the dongle, the application doesn’t run:
●
Check the 91x_init.s file for the FMI configuration (it must be unused)
●
Check your system clock settings, keeping in mind that the clock is already running and
the situation is different with respect to a startup after hardware reset. In this case you
should follow the correct order for register re-configuration. For the first approach you
can comment this section and try your application without these settings. If it begins
working, then the clock settings are the root cause of the failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20