| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0212 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0212 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 22 page ![]() Flash program memory and data EEPROM summary PM0212 20/22 Doc ID 022351 Rev 2 5 Flash program memory and data EEPROM summary Table 6. STM8TL5xxx summary Feature STM8TL5xxx Memory Block size 64 bytes Page size 1 block (64 bytes) Flash program memory Up to 16 Kbytes Data EEPROM Up to 2 Kbytes included in Flash program memory Size configurable by option byte Proprietary code area (PCODE) YES User boot code (UBC) YES - size configurable by option byte Option bytes Programmable in ICP/SWIM 3 memory dedicated option bytes (ROP, UBC, DATASIZE) Programming/erasing features Block programming (fast and standard)(1) Word programming(1) Byte programming(1) Block Erase(1)(2) 1. Block program/erase sequence must be executed from RAM. 2. Any word in the block programmed to 0. YES Flash control registers FLASH_CR2 |