công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3992 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3992
Giải thích chi tiết về linh kiện  Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3992 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3992 Datasheet HTML 10Page - STMicroelectronics AN3992 Datasheet HTML 11Page - STMicroelectronics AN3992 Datasheet HTML 12Page - STMicroelectronics AN3992 Datasheet HTML 13Page - STMicroelectronics AN3992 Datasheet HTML 14Page - STMicroelectronics AN3992 Datasheet HTML 15Page - STMicroelectronics AN3992 Datasheet HTML 16Page - STMicroelectronics AN3992 Datasheet HTML 17Page - STMicroelectronics AN3992 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application setup
AN3992
14/22
Doc ID 022369 Rev 3
4.3
Software
4.3.1
ST Visual Develop
ST Visual Develop (STVD) provides an easy-to-use, efficient environment for start-to-finish
control of application development (from building and debugging the application code to
programming the microcontroller).
STVD is available on STM web site http://www.st.com/internet/evalboard/product/210567.jsp
4.3.2
Cosmic compiler
Cosmic is the compiler toolchain used by ST Visual Develop. There is a 1 year free license
limited to 32 Kbytes of code and data which requires registration.
For further information about the license, refer to the Cosmic Software website.
4.3.3
HyperTerminal
HyperTerminal is a program available on Windows OS that you can use to connect to other
computers, Telnet sites, bulletin board systems (BBSs), online services, and host
computers, using either your modem or a null modem cable.
4.4
Project
The project was built from MCD standard library which is included in the
STM8L15x_StPeriph_Driver
folder.
There are three steps to open the project:
1.
Launch ST Visual Develop.
2.
In the “File” menu, click on “Open WorkSpace”.
3.
Locate the project folder and select the CR95HF_STM8L.stw file.
The project folder has been organized as the project and follows the layer organization of
the libraries.
Figure 8.
Workspace organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22