công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD70741 bảng dữ liệu(PDF) 47 Page - NEC

tên linh kiện UPD70741
Giải thích chi tiết về linh kiện  V821TM 32-/16-BIT MICROPROCESSOR
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD70741 bảng dữ liệu(HTML) 47 Page - NEC

Back Button UPD70741 Datasheet HTML 43Page - NEC UPD70741 Datasheet HTML 44Page - NEC UPD70741 Datasheet HTML 45Page - NEC UPD70741 Datasheet HTML 46Page - NEC UPD70741 Datasheet HTML 47Page - NEC UPD70741 Datasheet HTML 48Page - NEC UPD70741 Datasheet HTML 49Page - NEC UPD70741 Datasheet HTML 50Page - NEC UPD70741 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
µPD70741
47
13. STANDBY FUNCTIONS
The V821 supports three standby modes to suppress power dissipation. In these standby modes, the operation
of the clock is controlled. The HALT instruction is used to select a standby mode. Mode switching is controlled using
the standby control register.
13.1 Features
HALT mode (Only the CPU clock stops.)
IDLE mode (The CPU and peripheral operation clocks stop. The clock generator continues to operate.)
STOP mode (The entire system, including the clock generator, stops.)
13.2 Standby Mode
The standby modes of the V821 are detailed below.
(1) HALT mode
In this mode, the clock generator (oscillator and PLL synthesizer) continues operation, but the CPU clock stops.
Clock supply to other built-in peripheral functions continues to allow them to keep running. Intermittent operation
achieved using this standby mode in conjunction with the ordinary operation mode can reduce the total power
dissipation of the system.
(2) IDLE mode
In this mode, the clock generator (oscillator and PLL synthesizer) continues operation, but internal system clock
supply is stopped to bring the entire system to a stop.
When the system is released from IDLE mode, it is unnecessary to secure oscillation settling time for the oscillator,
and therefore it is possible for the system to shift to the ordinary operation quickly.
For the oscillation settling time and current drain, IDLE mode lies in between STOP and HALT modes. IDLE
mode is suitable for an application where it is necessary to cut the oscillation settling time using a low current
drain mode.
(3) STOP mode
In this mode, the clock generator (oscillator and PLL synthesizer) is stopped to bring the entire system to a stop.
This mode can generate an ultra-low power dissipation condition; only leak current occurs.
(a) PLL mode
In this mode, the PLL synthesizer clock output is stopped simultaneously with the oscillator. After the
system is released from STOP mode, it is necessary to allow oscillation settling time for the oscillator.
Some programs require a PLL lock-up time.
(b) Direct mode
In the direct mode, it is unnecessary to secure lock-up time.
Table 13-1 lists the operation of the clock generator in the ordinary, HALT, IDLE, and STOP modes. An effective
low power dissipation system can be implemented by combining and switching these modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com